Part Number Hot Search : 
KFG5616 2R06FP 74183 28C94 333J1000 M51516L PA0059 MAX17049
Product Description
Full Text Search
 

To Download 74LS33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DM74LS33 Quad 2-Input NOR Buffer with Open-Collector Outputs
March 1989 Revised March 2000
DM74LS33 Quad 2-Input NOR Buffer with Open-Collector Outputs
General Description
This device contains four independent gates each of which perform the logic NOR function. Outputs are open-collector.
Ordering Code:
Order Number DM74LS33M DM74LS33N Package Number M14A N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Connection Diagram
Function Table
Y=A+B Inputs A L L H H
H = HIGH Logic Level L = LOW Logic Level
Output B L H L H Y H L L L
(c) 2000 Fairchild Semiconductor Corporation
DS010170
www.fairchildsemi.com
DM74LS33
Absolute Maximum Ratings(Note 1)
Supply Voltage Input Voltage Output Voltage Operating Free Air Temperature Range Storage Temperature Range 7V 7V 7V 0C to +70C -65C to +150C
Note 1: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the absolute maximum ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation.
Recommended Operating Conditions
Symbol VCC VIH VIL VOH IOL TA Supply Voltage HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage LOW Level Output Current Free Air Operating Temperature 0 Parameter Min 4.75 2 0.8 5.5 24 70 Nom 5 Max 5.25 Units V V V V mA C
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted) Symbol VI ICEX VOL Parameter Input Clamp Voltage HIGH Level Output Current LOW Level Output Voltage II IIH IIL ICCH ICCL Input Current @ Max Input Voltage HIGH Level Input Current LOW Level Input Current Supply Current with Outputs HIGH Supply Current with Outputs LOW
Note 2: All typicals are at VCC = 5V, TA = 25C.
Conditions VCC = Min, II = -18 mA VCC = Min, VO = 5.5V, VIL = Max VCC = Min, IOL = Max, VIH = Min IOL = 12 mA, VCC = Min VCC = Max, VI = 7V VCC = Max, VI = 2.7V VCC = Max, VI = 0.4V VCC = Max VIN = GND VCC = Max VIN = Open
Min
Typ (Note 2)
Max -1.5 100 0.5
Units V A
V 0.4 0.1 20 -0.4 3.6 13.8 mA A mA mA mA
Switching Characteristics
at VCC = 5V and TA = 25C RL = 2 k Symbol tPLH tPHL Propagation Delay Time LOW-to-HIGH Level Output Propagation Delay Time HIGH-to-LOW Level Output Parameter Min CL = 15 pF Max 22 22 ns ns Units
www.fairchildsemi.com
2
DM74LS33
Physical Dimensions inches (millimeters) unless otherwise noted
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow Package Number M14A
3
www.fairchildsemi.com
DM74LS33 Quad 2-Input NOR Buffer with Open-Collector Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N14A
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 4 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LS33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X